Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AVS08
Description  AUTOMATIC VOLTAGE SWITCH SMPS 200W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS08 Datasheet(HTML) 7 Page - STMicroelectronics

  AVS08 Datasheet HTML 1Page - STMicroelectronics AVS08 Datasheet HTML 2Page - STMicroelectronics AVS08 Datasheet HTML 3Page - STMicroelectronics AVS08 Datasheet HTML 4Page - STMicroelectronics AVS08 Datasheet HTML 5Page - STMicroelectronics AVS08 Datasheet HTML 6Page - STMicroelectronics AVS08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOM SON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
AVS08
7/7


Similar Part No. - AVS08

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
   4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-240 ADVANTECH-AVS-240 Datasheet
637Kb / 2P
   4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240-00A1E ADVANTECH-AVS-240-00A1E Datasheet
637Kb / 2P
   4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
More results

Similar Description - AVS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 500W
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 300W
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 300W
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
   Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
   200W Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
   200W Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
   200W Transient Voltage Suppressor
logo
Inventronics Inc.
EUV-200SXXXST INVENTRONICS-EUV-200SXXXST Datasheet
681Kb / 11P
   200W Constant Voltage IP67 Driver
Rev. R
logo
List of Unclassifed Man...
AP7722 ETC2-AP7722 Datasheet
17Kb / 1P
   Rack Automatic Transfer Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com