Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC219MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC219MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC219MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC219MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC219MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC219MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC219MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC219MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC219MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs.
Temperature @ LO = +13 dBm
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
MxN Spurious Outputs
Harmonics of LO
Input IP2 vs. Drive
LO Freq.
(GHz)
nLO Spur at RF Port
12
3
4
4.0
33
29
39
54
5.0
31
23
34
47
6.0
35
21
40
55
7.0
31
26
53
xx
8.0
27
32
54
xx
9.0
21
43
xx
xx
LO = +13 dBm
Values in dBc below input LO level measured at the RF port.
nLO
mRF
0
1234
0xx
12.2
22.3
20.7
33.9
113.20
36.9
36.7
49.5
279.8
53.7
47.7
55.4
68.1
3
>105
>105
78.1
65.5
83.1
4
>105
>105
>105
98.1
87.1
RF = 6 GHz @ -10 dBm
LO = 6.1 GHz @ +13 dBm
All values in dBc below the IF power level (-1RF + 1LO).
HMC219MS8 / 219MS8E
v03.0505
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 9 GHz
25
30
35
40
45
50
55
456789
10
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)
30
35
40
45
50
55
456789
10
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
17
18
19
20
21
22
23
24
456789
10
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
18
20
22
24
26
28
456789
10
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC218MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation
HMC171C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1  2  3  4  Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC216MS8_06 GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn