Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC218MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC218MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC218MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC218MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 93
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Loss vs.
Temperature @ LO = +13 dBm
Isolation @ LO = +13 dBm
Conversion Loss vs. LO Drive
Return Loss @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
P1dB vs.
Temperature LO = +13 dBm
HMC218MS8 / 218MS8E
v04.0906
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 6 GHz
-20
-15
-10
-5
0
3.5
4
4.5
5
5.5
6
6.5
+5 dBm
+7 dBm
+9 dBm
+11 dBm
+13 dBm
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
RF
IF
LO
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
IF FREQUENCY (GHz)
6
7
8
9
10
11
12
4.8
5
5.2
5.4
5.6
5.8
6
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
3.5
4
4.5
5
5.5
6
6.5
RF/IF
LO/IF
LO/RF
FREQUENCY (GHz)
-20
-15
-10
-5
0
3.5
4
4.5
5
5.5
6
6.5
-40 C
+25 C
+85 C
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation
HMC171C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1  2  3  4  Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC208MS8_00 GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn