Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC218MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC218MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC218MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC218MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC218MS8 / 218MS8E
v04.0906
General Description
Features
Functional Diagram
Passive Double-Balanced Topology
Input IP3 : +18 dBm
Low Conversion Loss: 6.5 dB
LO / RF Isolation: 30 dB
LO / IF Isolation: 25 dB
Upconverter & Downconverter Applications
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC218MS8 / HMC218MS8E is ideal for:
• Basestations, Repeaters & Access Points
• WiMAX, WiBro & Fixed Wireless
• Portables & Subscribers
• PLMR, Public Safety & Telematics
The HMC218MS8 & HMC218MS8E are ultra miniature
double-balanced mixers in 8 lead plastic surface
mount packages (MSOP). This passive MMIC mixer
is constructed of GaAs Schottky diodes and novel
planar transformer baluns on the chip. The device
can be used as an upconverter, downconverter, bi-
phase modulator / demodulator, or phase comparator.
The low conversion loss, high isolation and wide IF
bandwidth make this mixer ideal for a variety of Rx and
Tx frequency plans.
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 6 GHz
Parameter
LO = +13 dBm
IF = 100 MHz
LO = +10 dBm
IF = 100 MHz
LO = +7 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
4.5 - 6.0
4.5 - 6.0
4.7 - 5.9
GHz
Frequency Range, IF
DC - 1.6
DC - 1.6
DC - 1.5
GHz
Conversion Loss
6.5
8.5
8
9.5
8
9.5
dB
Noise Figure (SSB)
6.5
8.5
8
9.5
8
9.5
dB
LO to RF Isolation
25
30
25
30
23
28
dB
LO to IF Isolation
15
25
14
25
12
23
dB
IP3 (Input)
5.2 GHz
5.8 GHz
12
15
16
18
11
13
14
17
9
10
12
13
dBm
1 dB Gain Compression (Input)
7
10
5
9
4
7
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation
HMC171C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1  2  3  4  Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC208MS8_00 GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn