Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC218MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC218MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC218MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC218MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC218MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+13 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC218MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H218
XXXX
HMC218MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H218
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC218MS8 / 218MS8E
v04.0906
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 6 GHz
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation
HMC171C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1  2  3  4  Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC208MS8_00 GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn