Electronic Components Datasheet Search |
|
E32-D51 Datasheet(PDF) 62 Page - Omron Electronics LLC |
|
E32-D51 Datasheet(HTML) 62 Page - Omron Electronics LLC |
62 / 64 page E3X E3X 19 Bending Radius E39-F11 Sleeve Bender The bending radius of the stainless tube should be as large as pos- sible. The smaller the bending radius becomes, the shorter the sensing distance will be. Insert the tip of the stainless sleeve to the Sleeve Bender and bend the stainless sleeve slowly along the curve of the Sleeve Bender (re- fer to the figure). Fiber tip position mark Do not bend here. 1.2 dia. max. 1.3 dia. min. 1.2 dia. max. R 12.5 R 7.5 R 10 R 5 Stainless tube 90o max. 10 10 Handling E32-D51/-T51 Heat-resisting Fiber The bending radius of the fibers should be 35 mm min. Connecting fibers via the E39-F10 Fiber Connector is not possible. The withstand temperature of the Heat-Resisting Fibers is 150 °C max. In continuous operation, the ambient temperature should be 130 °C max. E32-T14/-T51 If the sensor is ON because some object in front of the lenses re- flects light, attach the black seals (sold together) to the lenses. E32-T14/-G14 Seal E32-L25 (A) Wafer Sensor Insert the fiber with a white line into the light projection side of the Amplifier. The tightening force of the sensor head is 8 kgf S cm (0.75 N S m). Avoid places where water could be sprayed onto the E32-L25(A). E32-T16 Slit Seal (Attachment) Peel the E32-T16 Slit Seal off the ground paper and affix the Slit Seal to the sensing face of the sensor so that the corners of the Slit Seal fit in with the corners of the sensing face. To sense an object at a distance of 30 cm max., a 0.5-mm wide Slit Seal must be used. E32-T16 Sensing Head Attachment slit Amplifier Units Mounting Mounting 1. Mount the front part on the mounting bracket (sold together) or a DIN rail. 2. Press the back part onto the mounting bracket or the DIN rail. 1 2 3 DIN rail Dismounting By pulling back the lock (yellow) on the bottom with a flat blade screwdriver, the Amplifier can be dismounted with ease. In the case of side mounting, attach the mounting bracket on the Amplifier first, and secure the Amplifier with M3 screws and wash- ers. The diameter of the washers should be 6 mm max. Washers (6 dia. max.) Others When power is off: The moment power is turned off, the E3X could output a pulse signal which could affect the operation of the devices connected to it. This will happen more often if power is supplied to the E3X from an exter- nal power supply, thus affecting the connected timer and counter. Use a built-in power supply as much as possible to avoid this. If power is supplied to a photoelectric sensor through a cord that is wired together with other power lines in the same duct, the cord will be influenced by the power lines and malfunctioning of the photo- electric sensor or damage could result. Wire the cord separately or use a sealed cord to supply power to the photoelectric sensor. In the case of the cord is extended, use a wire with 0.3 mm2 max.. The total length of the cord should be 100 m max. Power line Power supply: If a standard switching regulator is used as a power supply, the frame ground (FG) terminal and the ground (G) terminal must be grounded, or otherwise the E3X can malfunction, influenced by the switching noise of the power supply. The supplied voltage must be within the rated voltage range. Unreg- ulated full- or half-wave rectifiers must not be used as power sup- plies. Do not use a hammer to hit the Amplifier when mounting or the Am- plifier will loose watertightness. Power line 62 |
Similar Part No. - E32-D51 |
|
Similar Description - E32-D51 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |