Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-D24 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # E32-D24
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC E32-D24 Datasheet HTML 41Page - Omron Electronics LLC E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC E32-D24 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
E3X
E3X
6
Fiber Units with 90
° Bend in Stainless Steel
Tube
Applicable Models
E32-TC200B/TC200F/DC200F
Appearance
Stainless Steel Tube with a 90
° Bend at the Tip
R
Length
1
Bending radius
1 (+1)
R 5.0
10.0 mm
15.0 mm
R 7.5
12.5 mm
17.5 mm
R 10.0
15.0 mm
20.0 mm
R 12.5
17.5 mm
22.5 mm
The length overall is 120 mm max.
Note:
If larger 1 is required, use the E39-F11 Sleeve Bender.
Stainless Steel Tube with a 90
° Bend at the Base
R
Length
2
Bending radius
1 (+1)
R 5.0
5.0 mm
10.0 mm
R 7.5
7.5 mm
17.5 mm
R 10.0
10.0 mm
20.0 mm
R 12.5
12.5 mm
22.5 mm
The length overall is 120 mm max.
Note:
If larger 2 is required, use the E39-F11 Sleeve Bender.
Sensing Distance for Tubes with 90
° Bends
Model
Amplifier
Bending radius
Standard
R5.0
R7.5
R10.0
R12.5
E32-TC200B
E3X-T
jj
270 mm
170 mm
220 mm
240 mm
270 mm
E3X-H11
400 mm
260 mm
330 mm
360 mm
400 mm
E3X-A
jj
180 mm
110 mm
140 mm
160 mm
180 mm
E32-TC200F
E3X-T
jj
65 mm
30 mm
65 mm
65 mm
65 mm
E3X-H11
100 mm
55 mm
100 mm
100 mm
100 mm
E3X-A
jj
50 mm
30 mm
50 mm
50 mm
50 mm
E32-DC200F
E3X-T
jj
20 mm
15 mm
20 mm
20 mm
20 mm
E3X-H11
36 mm
30 mm
36 mm
36 mm
36 mm
E3X-A
jj
18 mm
10 mm
18 mm
18 mm
18 mm
Fiber Unit with Longer Fiber
Applicable Models
E32-TC200/-DC200
E32-TC200B/-DC200B
E32-TC200E/-DC200E
E32-TC200F/-DC200F
E32-TC200A
Appearance
The length can be ordered in increments of 1 m between
6 m min. and 20 m max.. (2-m and 5-m fiber length types are
standard for E32-TC200, E32-DC200.)
42


Similar Part No. - E32-D24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D24 OMRON-E32-D24 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D24R OMRON-E32-D24R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results

Similar Description - E32-D24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com