Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-D11 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # E32-D11
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 48Page - Omron Electronics LLC E32-D11 Datasheet HTML 49Page - Omron Electronics LLC E32-D11 Datasheet HTML 50Page - Omron Electronics LLC E32-D11 Datasheet HTML 51Page - Omron Electronics LLC E32-D11 Datasheet HTML 52Page - Omron Electronics LLC E32-D11 Datasheet HTML 53Page - Omron Electronics LLC E32-D11 Datasheet HTML 54Page - Omron Electronics LLC E32-D11 Datasheet HTML 55Page - Omron Electronics LLC E32-D11 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
E3X
E3X
9
Fine Through-beam
E32-T22S
E32-T24S
17.6
0.4
11
3.2
1.8
3.2
10
20.5
3
2
3.5 dia.
2 dia.
Sensing head
(nickel-plate brass)
Optical fiber 2.2 dia.
Mounting bracket (attachment)
Sensing surface
E32-T84S
Note:
Section A resists 200
°C and section B (which is inserted to the Amplifier) resists 110°C. The operating
temperature of section B must also be within the withstand temperature range of the Amplifier.
2,000 (standard length)
2.9 dia. flexible
tube (stainless)
Sleeve
Sensing head (stainless)
Lens (2 dia.)
4 dia.
3 dia.
3.5 dia.
4 dia.
5 dia.
(see note)
2,000
Slot Fiber Units
E32-G14
Mounting Holes
36.3
20
2,000
R1.6
R1.6
3.2 9.0
10
R3.5
23.5
1.6
1.6
9.4
Optical fiber, 2.2 dia.
9.4
Two, M3
7.4 7.0
Lens
(PMMA)
Sensing head (ABS)
25.2
9.2
24
Optical axis
4
52


Similar Part No. - E32-D11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D11 OMRON-E32-D11 Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11N OMRON-E32-D11N Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-D11R OMRON-E32-D11R Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results

Similar Description - E32-D11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com