Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # BAS16
Description  SMALL SIGNAL SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAS16 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  BAS16 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAS16 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BAS16 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES BAS16


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS16 BILIN-BAS16 Datasheet
173Kb / 3P
   Surface mount switching diode
logo
SHENZHEN YONGERJIA INDU...
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com