Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC4245APWT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCC4245APWT
Description  OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC4245APWT Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVCC4245APWT Datasheet HTML 9Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 10Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 11Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 12Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 13Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 14Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 15Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 16Page - Texas Instruments SN74LVCC4245APWT Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74LVCC4245APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245APWT TI-SN74LVCC4245APWT Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245APWTE4 TI-SN74LVCC4245APWTE4 Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC4245APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A Datasheet
111Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC4245A PERICOM-PI74LVCC4245A Datasheet
501Kb / 11P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
logo
Integrated Device Techn...
IDT74LVCC4245 IDT-IDT74LVCC4245 Datasheet
94Kb / 10P
   CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
logo
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
236Kb / 16P
[Old version datasheet]   8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com