Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVCC4245APW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVCC4245APW
Description  OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC4245APW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVCC4245APW Datasheet HTML 1Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 2Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 3Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 4Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 5Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 6Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 7Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 8Page - Texas Instruments SN74LVCC4245APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
SN74LVCC4245A
OCTAL DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS584M – NOVEMBER 1996 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
UNIT
IOH = –100 µA
4.5 V
3 V
4.4
4.49
VOHA
V
IOH = –24 mA
4.5 V
3 V
3.76
4.25
IOH = –100 µA
4.5 V
3 V
2.9
2.99
2.7 V
2.2
2.5
IOH = –12 mA
4.5 V
3 V
2.46
2.85
VOHB
V
2.7 V
2.1
2.3
IOH = –24 mA
4.5 V
3 V
2.25
2.65
4.5 V
3.76
4.25
IOL = 100 µA
4.5 V
3 V
0.1
VOLA
V
IOL = 24 mA
4.5 V
3 V
0.21
0.44
IOL = 100 µA
4.5 V
3 V
0.1
IOL = 12 mA
4.5 V
2.7 V
0.11
0.44
VOLB
2.7 V
0.22
0.5
V
IOL = 24 mA
4.5 V
3 V
0.21
0.44
4.5 V
0.18
0.44
3.6 V
±0.1
±1
II
Control inputs
VI = VCCA or GND
5.5 V
µA
5.5 V
±0.1
±1
IOZ(1)
A or B ports
VO = VCCA/B or GND,
VI = VIL or VIH
5.5 V
3.6 V
±0.5
±5
µA
An = VCC or GND
5.5 V
Open
8
80
ICCA
B to A
3.6 V
8
80
µA
IO (A port) = 0,
Bn = VCCB or GND
5.5 V
5.5 V
8
80
3.6 V
5
50
ICCB
A to B
An = VCCA or GND,
IO (B port) = 0
5.5 V
µA
5.5 V
8
80
VI = VCCA – 2.1 V, Other inputs at VCCA or GND,
A port
5.5 V
5.5 V
1.35
1.5
OE at GND and DIR at VCCA
VI = VCCA – 2.1 V, Other inputs at VCCA or GND,
∆I
CCA
(2)
OE
5.5 V
5.5 V
1
1.5
mA
DIR at VCCA or GND
VI = VCCA – 2.1 V, Other inputs at VCCA or GND,
DIR
5.5 V
3.6 V
1
1.5
OE at VCCA or GND
VI = VCCB – 0.6 V, Other inputs at VCCB or GND,
∆I
CCB
(2)
B port
5.5 V
3.6 V
0.35
0.5
mA
OE at GND and DIR at GND
Ci
Control inputs
VI = VCCA or GND
Open
Open
5
pF
Cio
A or B ports
VO = VCCA/B or GND
5 V
3.3 V
11
pF
(1)
For I/O ports, the parameter IOZ includes the input leakage current.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
SN74AVC2T45_07DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVC1T45_07SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC4T245_074-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCH32T245_0732-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC8T245_078-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCB164245_0716-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC16T245_0716-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCH4T245_084-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC32T245_0732-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn