Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF800R12KE3 Datasheet(PDF) 4 Page - eupec GmbH

Part # FF800R12KE3
Description  Technische Information / technical information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FF800R12KE3 Datasheet(HTML) 4 Page - eupec GmbH

  FF800R12KE3 Datasheet HTML 1Page - eupec GmbH FF800R12KE3 Datasheet HTML 2Page - eupec GmbH FF800R12KE3 Datasheet HTML 3Page - eupec GmbH FF800R12KE3 Datasheet HTML 4Page - eupec GmbH FF800R12KE3 Datasheet HTML 5Page - eupec GmbH FF800R12KE3 Datasheet HTML 6Page - eupec GmbH FF800R12KE3 Datasheet HTML 7Page - eupec GmbH FF800R12KE3 Datasheet HTML 8Page - eupec GmbH FF800R12KE3 Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
vorläufige Daten
preliminary data
Technische Information / technical information
FF800R12KE3
IGBT-Module
IGBT-Modules
Ausgangskennlinie (typisch)
IC= f(VCE)
output characteristic (typical)
Tvj= 125°C
output characteristic (typical)
VGE= 15V
Ausgangskennlinienfeld (typisch)
IC= f(VCE)
0
200
400
600
800
1000
1200
1400
1600
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
VCE [V]
Tvj = 25°C
Tvj = 125°C
0
200
400
600
800
1000
1200
1400
1600
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
VCE [V]
Vge=19V
Vge=17V
Vge=15V
Vge=13V
Vge=11V
Vge=9V
4 (8)
DB_FF800R12KE3_2.0.xls
2002-07-30


Similar Part No. - FF800R12KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF800R12KE7 INFINEON-FF800R12KE7 Datasheet
729Kb / 15P
   62 mm C-Series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode
Revision 1.00 2022-05-11
FF800R12KE7_E INFINEON-FF800R12KE7_E Datasheet
691Kb / 15P
   62 mm C-Series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode
Revision 1.00 2022-05-18
More results

Similar Description - FF800R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FZ800R12KL4C INFINEON-FZ800R12KL4C Datasheet
411Kb / 8P
   Technische Information / Technical Information
2013-10-02 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3 Datasheet
249Kb / 8P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com