Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC207S8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC207S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207S8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC207S8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207S8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207S8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207S8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207S8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207S8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs.
Temperature @ LO = +13 dBm
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
MxN Spurious Outputs
Harmonics of LO
nLO
mRF
0
1234
0xx
19
27
20
36
1
17
0
43
43
39
264
66
63
74
75
391
94
92
65
86
4
>105
>105
>105
97
97
RF = 0.9 GHz @ -10 dBm
LO = 0.97 GHz @ +13 dBm
All values in dBc relative to the IF
LO Freq.
(GHz)
nLO Spur at RF Port
123
4
0.7
49
38
54
50
0.9
54
35
53
59
1.1
49
34
53
57
1.3
42
34
46
56
1.5
40
36
43
58
1.7
38
42
40
61
LO = +13 dBm
Values in dBc below input LO level measured at RF Port.
v02.0505
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 / 207S8E
46
48
50
52
54
56
58
60
62
0.6
0.8
1
1.2
1.4
1.6
1.8
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
45
50
55
60
65
70
0.6
0.8
1
1.2
1.4
1.6
1.8
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)
16
17
18
19
20
21
0.6
0.8
1
1.2
1.4
1.6
1.8
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
10
12
14
16
18
20
22
0.6
0.8
1
1.2
1.4
1.6
1.8
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC208MS8_00 GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation
HMC171C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1  2  3  4  Hittite Microwave Corporation
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC110G16 1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC156C8_06 GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.7 - 2.4 GHz INPUT 1  2  3  4  Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn