Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC207S8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC207S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC207S8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Loss vs
Temperature @ LO = +13 dBm
Isolation @ LO = +13 dBm
Conversion Loss vs. LO Drive
v02.0505
Return Loss @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
P1dB vs.
Temperature @ LO = +13 dBm
HMC207S8 / 207S8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
-20
-15
-10
-5
0
0.5
1
1.5
2
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
RF
IF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
1
1.5
2
+7 dBm
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
9
9.5
10
10.5
11
11.5
12
12.5
13
0.3
0.5
0.7
0.9
1.1
1.3
1.5
-40 C
+25 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
RF/IF
LO/IF
LO/RF
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC208MS8_00GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC170C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC171C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC175MS8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC141C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1 2 3 4 Hittite Microwave Corporation
HMC168C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 4 Hittite Microwave Corporation
HMC110G161 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC338LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC156C8_06GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.7 - 2.4 GHz INPUT 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn