Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC207S8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC207S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC207S8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 54
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC207S8 / 207S8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
v02.0505
General Description
Features
Functional Diagram
Conversion Loss: 9.0 dB
LO / IF Isolation: 45 dB
LO / RF Isolation: 40 dB
IP3 (Input): +17 dBm
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC207S8 / HMC207S8E is ideal for:
• Base Stations
• Cable Modems
• Portable Wireless
The HMC207S8 & HMC207S8E are miniature double-
balanced mixers in 8 lead plastic surface mount Small
Outline IC (SOIC) packages. This passive MMIC mixer
is constructed of GaAs Schottky diodes and novel
planar transformer baluns on the chip. The device can
be used as an upconverter, downconverter, biphase
modulator (de)modulator, or phase comparator. The
consistent MMIC performance will improve system
operation and assure regulatory compliance. The high
LO suppression of 45 to 50 dB yields excellent carrier
suppression for modulator applications.
Parameter
LO = +13 dBm
IF = 70 MHz
LO = +10 dBm
IF = 70 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
0.7 - 2.0
0.8 - 1.2
GHz
Frequency Range, IF
DC - 0.3
DC - 0.3
GHz
Conversion Loss
9
10.5
7.5
10
dB
Noise Figure (SSB)
9
10.5
7.5
10
dB
LO to RF Isolation
32
40
40
45
dB
LO to IF Isolation
38
45
40
45
dB
RF to IF Isolation
17
23
18
22
dB
IP3 (Input)
14
17
12
15
dBm
1 dB Gain Compression (Input)
8
11
7
10
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC208MS8_00GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC170C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC171C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 7 - 10 GHz 1 2 3 4 Hittite Microwave Corporation
HMC175MS8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC141C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1 2 3 4 Hittite Microwave Corporation
HMC168C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 4 Hittite Microwave Corporation
HMC110G161 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC338LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC156C8_06GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.7 - 2.4 GHz INPUT 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn