Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC204C8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC204C8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC204C8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC204C8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC204C8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC204C8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC204C8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC204C8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC204C8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain @ 25 °C vs. Drive Level
Output Return Loss with 4 GHz Input
Conversion Gain @ -40 °C vs. Drive Level
Output Return Loss with 8 GHz Input
-40
-35
-30
-25
-20
-15
-10
-5
0
345678
9
+8 dBm
+10 dBm
+12 dBm
+15 dB,
INPUT FREQUENCY (GHz)
Conversion Gain @ +85 °C vs. Drive Level
Output Return Loss with 6 GHz Input
-40
-35
-30
-25
-20
-15
-10
-5
0
345678
9
+8 dBm
+10 dBm
+12 dBm
+15 dBm
INPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
8
101214
16
+8 dBm
+10 dBm
+12 dBm
OUTPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
8
101214
16
+8 dBm
+10 dBm
+12 dBm
OUTPUT FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
345678
9
+8 dBm
+10 dBm
+12 dBm
+15 dBm
INPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
8
10121416
+8 dBm
+10 dBm
+12 dBm
OUTPUT FREQUENCY (GHz)
HMC204C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
v04.1105


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn