Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC158C8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC158C8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC158C8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC158C8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC158C8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC158C8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC158C8_06 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
6 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC158C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.3 - 4.0 GHz INPUT
General Description
Features
Functional Diagram
Conversion Loss: 15 dB
Fo, 3Fo, 4Fo Isolation: 40 dB
Input Drive Level: 10 to 20 dBm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC158C8 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• UNII & HiperLAN
• Test Equipment
The HMC158C8 is a miniature frequency doubler
MMIC in a non-hermetic ceramic surface mount non-
hermetic package. Suppression of undesired funda-
mental and higher order harmonics is 40 dB typical
with respect to input signal level. The doubler uses
the same diode/balun technology used in Hittite MMIC
mixers, features small size and requires no DC bias.
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
1.7 - 4.0
1.7 - 3.5
1.3 - 4.0
GHz
Frequency Range, Output
3.4 - 8.0
3.4 - 7.0
2.6 - 8.0
GHz
Conversion Loss
18
22
15
18
15
18
dB
FO Isolation
(with respect to input level)
37
45
dB
3FO Isolation
(with respect to input level)
40
50
dB
4FO Isolation
(with respect to input level)
32
40
dB
v03.1105


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn