Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5221A Datasheet(PDF) 4 Page - Daesan Electronics Corp.

Part No. 1N5221A
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo DAESAN - Daesan Electronics Corp.

1N5221A Datasheet(HTML) 4 Page - Daesan Electronics Corp.

  1N5221A Datasheet HTML 1Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 2Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 3Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 4Page - Daesan Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Admissible power dissipation versus ambient temperature
(Valid provided that leads at a distance of 10mm from case
are kept at ambient temperature)
0
100
200
Tamb
mW
0
200
100
500
400
300
Ptot
1N5225...
1N5221A/B THRU 1N5281A/B SILICON PLANAR ZENER DIODES


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn