Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5221A Datasheet(PDF) 1 Page - Daesan Electronics Corp.

Part No. 1N5221A
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo DAESAN - Daesan Electronics Corp.

1N5221A Datasheet(HTML) 1 Page - Daesan Electronics Corp.

  1N5221A Datasheet HTML 1Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 2Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 3Page - Daesan Electronics Corp. 1N5221A Datasheet HTML 4Page - Daesan Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5221A/B THRU 1N5281A/B
0.5W SILICON PLANAR
ZENER DIODES
Features
Mechanical Data
· Standards zener voltage tolerance is
±20%.Add suffix "A"
for
±10% tolerance and suffix "B" for ±5% tolerance
other tolerance, non standards and higher zener voltage
upon request
· Case : DO-35 glass case
· Polarity : Color band denotes cathode end
· Weight : Approx. 0.13 gram
Absolute Maximum Ratings (Limiting Values)
(TA=25
℃)
Electrical Characteristics
(TA=25
℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=75
mW
5001)
Junction Temperature
-65 to+200
Storage Temperature range
Ptot
TJ
175
TSTG
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
Symbols
Units
Thermal resistance junction to ambient
℃/W
Forward voltage at IF=200mA
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
VF
Min.
Typ.
Max.
3001)
1.1
V
Dimensions in inches and (millimeters)
DO-35(GLASS)
1.083(27.5)
MIN.
1.083(27.5)
MIN.
0.154(3.9)
MAX.
0.020(0.52)
MAX.
DIA.
0.075(1.9)
MAX.
DIA.
R
θJA


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn