Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4728A Datasheet(PDF) 1 Page - Daesan Electronics Corp.

Part No. 1N4728A
Description  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo DAESAN - Daesan Electronics Corp.

1N4728A Datasheet(HTML) 1 Page - Daesan Electronics Corp.

  1N4728A Datasheet HTML 1Page - Daesan Electronics Corp. 1N4728A Datasheet HTML 2Page - Daesan Electronics Corp. 1N4728A Datasheet HTML 3Page - Daesan Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4728A/B THRU 1N4764A/B
1W SILICON PLANAR
ZENER DIODES
Features
Mechanical Data
· Silicon planar power zener diodes
· For use in stabilizing and clipping circuits with high power
rating.
· Standards Zener voltage tolerance is ±10%
Add suffix "A" for ±5% tolerance other tolerance available
upon request
· Case : DO-41 glass case
· Weight : Approx. 0.35 gram
Absolute Maximum Ratings (Limiting Values)
(TA=25℃)
Electrical Characteristics
(TA=25℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25℃
W
11)
Junction Temperature
-55 to+175
Storage Temperature range
Ptot
TJ
175
TSTG
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
Symbols
Units
Thermal resistance junction to ambient
℃/W
Forward voltage at IF=200mA
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
RθJA
VF
Min.
Typ.
Max.
1751)
1.2
V
Dimensions in inches and (millimeters)
DO-41(GLASS)
1.102(28.0)
MIN.
1.102(28.0)
MIN.
0.161(4.1)
MAX.
0.034(0.86)
MAX.
DIA.
0.102(2.6)
MAX.
DIA.
IZ
Pd / Vz
mA


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn