Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC129 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC129
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC129 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3
3 - 13
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag
for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize
inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the
chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting
surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature
of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO NOT expose the chip
to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for
attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire.
Thermosonic wirebonding with a nominal stage temperature of
150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum
level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or
substrate. All bonds should be as short as possible <0.31 mm (12 mils).
HMC129
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz


Similar Part No. - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Micross Components
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
   No DC Bias Required
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
HMC129ALC4TR AD-HMC129ALC4TR Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
More results

Similar Description - HMC129

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_09 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com