Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC128G8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC128G8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC128G8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC128G8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC128G8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC128G8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC128G8_06 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7
7 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +125 °C
NOTES:
1. PACKAGE MATERIAL: ALUMINA LOADED BOROSILICATE GLASS.
2. LEAD, BASE, COVER MATERIAL: KOVAR™ (#7052 CORNING).
3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER
ELECTROLYTIC NICKEL 50 MICROINCHES MIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. TOLERANCES: ±.005 [0.13] UNLESS OTHERWISE SPECIFIED.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC128G8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.8 - 5 GHz
v02.1105


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC208MS8_00 GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128_07 GaAs MMIC DOUBLE-BALANCED MIXER 1.8 - 5.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC110G16 1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC620LC4 GaAs MMIC I/Q MIXER 3 - 7 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC561LP3 SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1  2  3  4  5  More Hittite Microwave Corporation
HMC-MDB218 GaAs MMIC SUB-HARMONIC IRM MIXER 54 - 64 GHz 1  2  3  4  Hittite Microwave Corporation
HMC-C047 GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz 1  2  3  4  5  More Hittite Microwave Corporation
MA4EX2401 GaAs MMIC Double Balanced 24 GHz Mixer 1  2  3  4  Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn