Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC128G8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC128G8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC128G8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7
7 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC128G8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.8 - 5 GHz
v02.1105
General Description
Features
Functional Diagram
Conversion Loss: 10 dB
LO to RF and IF Isolation: >30 dB
High Third-Order Intercept: +18 dB
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm
Typical Applications
The HMC128G8 is a miniature double-balanced mixer
in a hermetic surface mount package that can be used
as an upconverter or downconverter. The device is
a passive diode/balun type mixer with high dynamic
range. Noise figure is essentially equal to the conver-
sion loss. The mixer can handle larger signal levels
than most active mixers due to the high third order
intercept. MMIC implementation provides exceptional
balance in the circuit resulting in high LO/RF and LO/
IF isolations.
The HMC128G8 is ideal for:
• Base Station
• MMDS
• WirelessLAN
• Wireless Local Loop
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
1.8 - 5.0
GHz
Frequency Range, IF
DC - 2
GHz
Conversion Loss
10
12
dB
Noise Figure (SSB)
10
12
dB
LO to RF Isolation
28
40
dB
LO to IF Isolation
20
30
dB
IP3 (Input)
13
18
dBm
IP2 (Input)
35
40
dBm
1 dB Gain Compression (Input)
5
10
dBm


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC208MS8_00GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC338LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128_07GaAs MMIC DOUBLE-BALANCED MIXER 1.8 - 5.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC258LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC110G161 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC620LC4GaAs MMIC I/Q MIXER 3 - 7 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC561LP3SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-MDB218GaAs MMIC SUB-HARMONIC IRM MIXER 54 - 64 GHz 1 2 3 4 Hittite Microwave Corporation
HMC-C047GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MA4EX2401GaAs MMIC Double Balanced 24 GHz Mixer 1 2 3 4 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn