Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC128G8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC128G8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC128G8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
7 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC128G8 Mixer
PCB [2]
104880 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
HMC128G8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.8 - 5 GHz
List of Materials for Evaluation PCB 104882 [1]
v02.1105


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC208MS8_00GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC338LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128_07GaAs MMIC DOUBLE-BALANCED MIXER 1.8 - 5.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC258LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC110G161 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1 2 3 4 Hittite Microwave Corporation
HMC620LC4GaAs MMIC I/Q MIXER 3 - 7 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC561LP3SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-MDB218GaAs MMIC SUB-HARMONIC IRM MIXER 54 - 64 GHz 1 2 3 4 Hittite Microwave Corporation
HMC-C047GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MA4EX2401GaAs MMIC Double Balanced 24 GHz Mixer 1 2 3 4 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn