Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4062 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4062
Description  180-MHz HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4062 Datasheet(HTML) 5 Page - Texas Instruments

  THS4062 Datasheet HTML 1Page - Texas Instruments THS4062 Datasheet HTML 2Page - Texas Instruments THS4062 Datasheet HTML 3Page - Texas Instruments THS4062 Datasheet HTML 4Page - Texas Instruments THS4062 Datasheet HTML 5Page - Texas Instruments THS4062 Datasheet HTML 6Page - Texas Instruments THS4062 Datasheet HTML 7Page - Texas Instruments THS4062 Datasheet HTML 8Page - Texas Instruments THS4062 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS†
THS4061C/I,
THS4062C/I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
70
110
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
70
95
dB
RI
Input resistance
1
M
Ci
Input capacitance
2
pF
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
output characteristics
PARAMETER
TEST CONDITIONS†
THS4061C/I,
THS4062C/I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±11.5 ±12.5
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13 ±13.5
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.7
V
IO
Output current
VCC = ±15 V
RL = 20 Ω
80
115
mA
IO
Output current
VCC = ±5 V
RL = 20 Ω
50
75
mA
ISC
Short-circuit current
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
12
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
power supply
PARAMETER
TEST CONDITIONS†
THS4061C/I,
THS4062C/I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
ICC
Quiescent current (per amplifier)
VCC = ±15 V
TA = full range
7.8
10.5
mA
ICC
Quiescent current (per amplifier)
VCC = ±5 V
TA = full range
7.3
10
mA
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
70
78
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
68
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix


Similar Part No. - THS4062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4062 TI-THS4062 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4062 TI1-THS4062 Datasheet
986Kb / 31P
[Old version datasheet]   180MHZ HIFH SPEED AMPLIFIERS
THS4062CD TI-THS4062CD Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4062CD NSC-THS4062CD Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4062CD TI1-THS4062CD Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com