Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD-C515RE Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-C515RE
Description  0.56(14.20mm) DUAL DIGIT LED DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-C515RE Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-C515RE Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-C515RE Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-C515RE Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BD-C515RE Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

 


 



    

  

 
  
  
     
 












  



 
 



    
   
  !""  
#  !$%""& !!"
'()*

!

  " 







"  #     





$%&%'() *)*(+*










 




 




 




 




 




 




 




 




 




 
 
 , 


SINCE 1981


Similar Part No. - BD-C515RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-C515RE ETC1-BD-C515RE Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Similar Description - BD-C515RE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-C515RD BRIGHT-BD-C515RD Datasheet
144Kb / 3P
   0.56(14.20mm) DUAL DIGIT LED DISPLAY
BD-F542RD-AA BRIGHT-BD-F542RD-AA Datasheet
190Kb / 4P
   0.56"(14.20mm) DUAL DIGIT LED DISPLAY
BD-F546RD BRIGHT-BD-F546RD Datasheet
143Kb / 3P
   0.56"(14.20mm) DUAL DIGIT LED DISPLAY
BS-C516RD BRIGHT-BS-C516RD Datasheet
138Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BQ-N516RD BRIGHT-BQ-N516RD Datasheet
155Kb / 3P
   0.56(14.20MM) FOUR DIGIT LED DISPLAY
BS-C552RD-B BRIGHT-BS-C552RD-B Datasheet
146Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-A556RD BRIGHT-BS-A556RD Datasheet
74Kb / 1P
   0.56(14.20MM)single DIGIT LED DISPLAY
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
BQ-N512RD BRIGHT-BQ-N512RD Datasheet
156Kb / 3P
   0.56(14.20MM) FOUR DIGIT LED DISPLAY
logo
BetLux Electronics
BL-D56C-22 BETLUX-BL-D56C-22 Datasheet
327Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com