Electronic Components Datasheet Search |
|
SN74AUP1G08DRLRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74AUP1G08DRLRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 17 page www.ti.com Absolute Maximum Ratings (1) SN74AUP1G08 LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE SCES502G – NOVEMBER 2003 – REVISED OCTOBER 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 4.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 4.6 V VO Output voltage range in the high or low state(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±50 mA DBV package 206 DCK package 252 DRL package 142 θJA Package thermal impedance(3) °C/W DRY package 234 YFP package 132 YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2003–2007, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): SN74AUP1G08 |
Similar Part No. - SN74AUP1G08DRLRG4 |
|
Similar Description - SN74AUP1G08DRLRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |