Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2310UA/1K Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA2310UA/1K
Description  Stereo Audio Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2310UA/1K Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PGA2310UA/1K Datasheet HTML 1Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 2Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 3Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 4Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 5Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 6Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 7Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 8Page - Burr-Brown (TI) PGA2310UA/1K Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
D DIGITALLY-CONTROLLED ANALOG VOLUME
CONTROL:
Two Independent Audio Channels
Serial Control Interface
Zero Crossing Detection
Mute Function
D WIDE GAIN AND ATTENUATION RANGE:
+31.5dB to −95.5dB with 0.5dB Steps
D LOW NOISE AND DISTORTION:
120dB Dynamic Range
0.0004% THD+N at 1kHz
D LOW INTERCHANNEL CROSSTALK:
−126dBFS
D NOISE-FREE LEVEL TRANSITIONS
D POWER SUPPLIES: +15V Analog, +5V Digital
D AVAILABLE IN DIP−16 AND SOL−16
PACKAGES
D PIN AND SOFTWARE COMPATIBLE WITH
THE PGA2311 AND CIRRUS LOGIC CS3310
E
APPLICATIONS
D AUDIO AMPLIFIERS
D MIXING CONSOLES
D MULTI-TRACK RECORDERS
D BROADCAST STUDIO EQUIPMENT
D MUSICAL INSTRUMENTS
D EFFECTS PROCESSORS
D A/V RECEIVERS
D CAR AUDIO SYSTEMS
DESCRIPTION
The PGA2310 is a high-performance, stereo audio volume
control designed for professional and high-end consumer
audio systems. The ability to operate from
±15V analog
power supplies enables the PGA2310 to process input
signals with large voltage swings, thereby preserving the
dynamic range available in the overall signal path. Using
high performance operational amplifier stages internal to
the PGA2310 yields low noise and distortion, while
providing the capability to drive 600
Ω loads directly
without buffering. The three-wire serial control interface
allows for connection to a wide variety of host controllers,
in addition to support for daisy-chaining of multiple
PGA2310 devices.
PGA2310
SBOS207B − OCTOBER 2001 − REVISED JUNE 2004
Stereo Audio Volume Control
www.ti.com
Copyright
 2001 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - PGA2310UA/1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
322Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1KG4 BURR-BROWN-PGA2310UA/1KG4 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results

Similar Description - PGA2310UA/1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com