Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2310UA Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA2310UA
Description  Stereo Audio Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2310UA Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PGA2310UA Datasheet HTML 1Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 2Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 3Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 4Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 5Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 6Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 7Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 8Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PGA2310
SBOS207B − OCTOBER 2001 − REVISED JUNE 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VA+ = +15V, VA− = −15V, VD+ = +5V, RL = 100kΩ, CL = 20pF, BW measure = 10Hz to 20kHz, unless otherwise noted.
PGA2310
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−55
+125
°C
Storage Range
−65
+150
°C
Thermal Resistance,
θJC
DIP−16
60
°C/W
SOL−16
50
°C/W
PIN CONFIGURATION
Top View
ZCEN
CS
SDI
V
D+
DGND
SCLK
SDO
MUTE
V
INL
AGNDL
V
OUTL
V
A
V
A+
V
OUTR
AGNDR
V
INR
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGA2310
PIN ASSIGNMENTS
PIN
NAME
FUNCTION
1
ZCEN
Zero Crossing Enable Input (Active High)
2
CS
Chip Select Input (Active Low)
3
SDI
Serial Data input
4
VD+
Digital Power Supply, +5V
5
DGND
Digital Ground
6
SCLK
Serial Clock Input
7
SDO
Serial Data Output
8
MUTE
Mute Control Input (Active Low)
9
VINR
Analog Input, Right Channel
10
AGNDR
Analog Ground, Right Channel
11
VOUTR
Analog Output, Right Channel
12
VA+
Analog Power Supply, +15V
13
VA−
Analog Power Supply, −15V
14
VOUTL
Analog Output, Left Channel
15
AGNDL
Analog Ground, Left Channel
16
VINL
Analog Input, Left Channel


Similar Part No. - PGA2310UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310UA BURR-BROWN-PGA2310UA Datasheet
322Kb / 16P
   Stereo Audio Volume Control
PGA2310UA BURR-BROWN-PGA2310UA Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
322Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1KG4 BURR-BROWN-PGA2310UA/1KG4 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results

Similar Description - PGA2310UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com