Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382B-150BZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1382B-150BZI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382B-150BZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1382B-150BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382B-150BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CY7C1380B
CY7C1382B
Document #: 38-05267 Rev. *A
Page 4 of 34
Pin Configurations (continued)
2
3
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DPc
DQc
DQd
DQc
DQd
AA
A
A
ADSP
VDDQ
A
DQc
VDDQ
DQc
VDDQ
VDDQ
VDDQ
DQd
DQd
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
VDD
TDO
TCK
TDI
TMS
32M
64M
NC
VDDQ
VDDQ
VDDQ
AA
A
A
A
A
A
A
A
A
A
A0
A1
DQa
DQc
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQb
VDD
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DPa
MODE
DPd
DPb
BWb
BWc
NC
VDD
NC
BWa
NC
BWE
BWd
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
AA
A
A
ADSP
VDDQ
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
64M
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
VDD
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A32M
A
A
A
A
A
A
A
A
A
A0
A1
DQa
DQb
NC
DQa
NC
DQa
DQa
NC
NC
DQa
NC
DQa
NC
DQa
NC
DQa
VDD
NC
DQb
NC
VDD
DQb
NC
DQb
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DPb
DPa
VSS
BWb
NC
VDD
NC
BWa
NC
BWE
VSS
ZZ
CY7C1382B (1M x 18)
CY7C1380B (512K x 36)
A
A
BWc
NC


Similar Part No. - CY7C1382B-150BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382BV25 CYPRESS-CY7C1382BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133AC CYPRESS-CY7C1382BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133BGC CYPRESS-CY7C1382BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150AC CYPRESS-CY7C1382BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150BGC CYPRESS-CY7C1382BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1382B-150BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com