Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA-8S6UW Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part No. BA-8S6UW
Description  super red chips, which are made from AlGaAs on GaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BA-8S6UW Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--8
8S
S6
6U
UW
W
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Forward Voltage (V)
12
34
5
0
10
20
30
40
50
Fig.2 Forward Current VS.
Forward Voltage
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Ambient Temperature Ta( C)
Forward Current(mA)
-40
-20
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig.3 Relative Luminous
Intensity VS.
Ambient Temperature
Fig.4 Relative Luminous
Intensity VS.
Forward Current
10
20
30
40
50
1.0
2.0
3.0
0
570
600
0.5
630
660
1.0
750
690
720
Ambient Temperature Ta( C)
Fig.5 Forward Current
0
10
20
40
20
60
40
50
Derating Curve VS.
80
100
30
120
Ambient Temperature
0.0


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn