Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380B-150BZI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1380B-150BZI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380B-150BZI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1380B-150BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1380B-150BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CY7C1380B
CY7C1382B
Document #: 38-05267 Rev. *A
Page 5 of 34
Pin Configurations (continued)
CY7C1380B (512K x 36) - 11 x 15 FBGA
165-Ball Bump FBGA
CY7C1382B (1M x 18) - 11 x 15 FBGA
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC
NC
NC
NC
DPb
VDD
DQb
ACE1
NC
CE3
BWb
BWE
ACE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
32M
64M
VDDQ
NC
BWa
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
ATDI
ATMS
DQb
VSS
NC
VSS
DQb
NC
VSS
VSS
VSS
VSS
VSS
VSS
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
128M
VSS
VDDQ
NC
DPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
AA
AA
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
2
3
456
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC
NC
DPc
DQc
DPd
VDD
DQd
ACE1
BWb
CE3
BWc
BWE
ACE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
32M
64M
VDDQ
BWd
BWa
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
ATDI
ATMS
DQc
VSS
DQc
VSS
DQc
DQc
VSS
VSS
VSS
VSS
VSS
VSS
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A128M
VSS
VDDQ
NC
DPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
AA
AA
DQb
DQb
DQb
ZZ
DQa
DQa
DPa
DQa
A
VDDQ


Similar Part No. - CY7C1380B-150BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380BV25 CYPRESS-CY7C1380BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-133AC CYPRESS-CY7C1380BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-133BGC CYPRESS-CY7C1380BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-150AC CYPRESS-CY7C1380BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-150BGC CYPRESS-CY7C1380BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1380B-150BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com