Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA-8G6UW Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part No. BA-8G6UW
Description  10.0 x 20.16mm LIGHT BAR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BA-8G6UW Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

 

  
    
 
 
  
  !
 ""#
$    %
  &'  &  ( )
(*     
  (+', -'+. '/
0
12'  
12' 13
2
   #%
$    %
(!
1(4545
  ( -'6 '
0
12'  
12' 13
 7  %
(!
1(4545
  (', -'+.-"'/
0
12'  
2
 ""#"
$    %
12' ("
  (+', -'+. '/
0
8

&  
2
$  % & (#
  (+', -'+. '/
0
  32    
 
 ""#
$    )-
# 9  9 " 9 
#  # 
  (3
0
'  ':
   
 
 ""#
" 9 #
 
  (3
0
   
    )
  #
$    )
;( !
&   ( ;
0
87 

 <3
    "
   !
 ""# #
$    )
;( #
&   ( ;
0
$*=8>  8) ? ?)*8 ? 18 8)% @
 2  
3<
 2 
$2      
?& 72
A?
?( )
7  *B;
 7   

A(A
7  *B
  3
A
?( )
% & B;
>  ;*   '        ' ;     7 ;
;   ' < : < & '    '      '7 <   
  <        '  ;


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BA-8D9UW10.0 x 20.16mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
BA-8E6UW10.0 x 20.16mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
DE4SRD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
WP1043GD3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP1043ID3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP1043SGD3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
KB2300EW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
BA-2S2UW6.5 x 129.mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
WP1043SRD3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
DF3YD6.8mmx19.9mm LIGHT BAR 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn