Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA-8D6UW Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BA-8D6UW
Description  super red chips which are made from AlGaAs on GaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BA-8D6UW Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--8
8D
D6
6U
UW
W
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
0.50(.020)
19.06(.750)
20.16(.794)
2.54x7=17.78(.700)
6.15(.242)
3.0(.118) MIN.
7.62(.300)
PIN1
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
Emitting area : 19.06×8.9(mm)
2.
Low power requirement.
3.
Excellent characters appearance.
4.
Solid state reliability.
5.
Categorized for luminous intensity.
Description :
1.
The BA-8D6UW have uniform
emitting light.
2.
This product use super red chips,
which are made from AlGaAs on
GaAs substrate.
3.
This product have a white face and
white segments.
4. This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
1.1


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn