Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-3S12UW Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BA-3S12UW
Description  red chips, which are made from GaAlAs on GaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-3S12UW Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BA-3S12UW Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-3S12UW Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-3S12UW Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--3
3S
S1
12
2U
UW
W
Ver.2.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Forward Voltage (V)
12
34
5
0
10
20
30
40
50
Fig.2 Forward Current VS.
Forward Voltage
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Ambient Temperature Ta( C)
Forward Current(mA)
-40
-20
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig.3 Relative Luminous
Intensity VS.
Ambient Temperature
Fig.4 Relative Luminous
Intensity VS.
Forward Current
10
20
30
40
50
0
0.5
1.0
1.5
2.0
0
540
570
0.5
600
630
1.0
720
660
690
Ambient Temperature Ta( C)
Fig.5 Forward Current
0
10
20
40
20
60
40
50
Derating Curve VS.
80
100
30
120
Ambient Temperature


Similar Part No. - BA-3S12UW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
BA-30TA-S ASM-SENSOR-BA-30TA-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TC ASM-SENSOR-BA-30TC Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TV-S ASM-SENSOR-BA-30TV-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
logo
Molex Electronics Ltd.
BA-331 MOLEX4-BA-331 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
logo
BRIGHT LED ELECTRONICS ...
BA-3D12UW BRIGHT-BA-3D12UW Datasheet
149Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Similar Description - BA-3S12UW

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-C406ND BRIGHT-BD-C406ND Datasheet
180Kb / 3P
   red chips, which are made from AlGaAs on GaAs substrate
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-A546RD BRIGHT-BD-A546RD Datasheet
250Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-C516RD BRIGHT-BD-C516RD Datasheet
208Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E326RD BRIGHT-BD-E326RD Datasheet
259Kb / 4P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com