Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G08GF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G08GF
Description  Low-power 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G08GF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G08GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G08GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74AUP1G08_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
9 of 17
Philips Semiconductors
74AUP1G08
Low-power 2-input AND gate
[1]
All typical values are measured at nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
Tamb = 25 °C
CPD
power dissipation capacitance f = 1 MHz; VI = GND to VCC
[2]
VCC = 0.8 V
-
2.5
-
pF
VCC = 1.1 V to 1.3 V
-
2.7
-
pF
VCC = 1.4 V to 1.6 V
-
2.8
-
pF
VCC = 1.65 V to 1.95 V
-
2.9
-
pF
VCC = 2.3 V to 2.7 V
-
3.5
-
pF
VCC = 3.0 V to 3.6 V
-
4.0
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
CL = 5 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
2.1
11.7
2.1
12.9
ns
VCC = 1.4 V to 1.6 V
1.5
7.5
1.5
8.3
ns
VCC = 1.65 V to 1.95 V
1.3
6.1
1.3
6.7
ns
VCC = 2.3 V to 2.7 V
1.0
4.8
1.0
5.3
ns
VCC = 3.0 V to 3.6 V
0.9
4.3
0.9
4.8
ns
CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
2.2
13.6
2.2
15.0
ns
VCC = 1.4 V to 1.6 V
1.8
8.9
1.8
9.8
ns
VCC = 1.65 V to 1.95 V
1.6
7.2
1.6
7.9
ns
VCC = 2.3 V to 2.7 V
1.3
5.7
1.3
6.3
ns
VCC = 3.0 V to 3.6 V
1.2
4.7
1.2
5.2
ns


Similar Part No. - 74AUP1G08GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G08GM NEXPERIA-74AUP1G08GM Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08GM-Q100 NEXPERIA-74AUP1G08GM-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
74AUP1G08GN NEXPERIA-74AUP1G08GN Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08GS NEXPERIA-74AUP1G08GS Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP1G08GW NEXPERIA-74AUP1G08GW Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
More results

Similar Description - 74AUP1G08GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
74AUP1G08 NEXPERIA-74AUP1G08 Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
74AUP2G08 NEXPERIA-74AUP2G08 Datasheet
292Kb / 19P
   Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
logo
NXP Semiconductors
74AUP2G08 NXP-74AUP2G08 Datasheet
100Kb / 17P
   Low-power dual 2-input AND gate
Rev. 03-29 May 2008
74AUP2G08 PHILIPS-74AUP2G08_11 Datasheet
146Kb / 21P
   Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com