Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1440 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1440_07 Datasheet HTML 2Page - Linear Technology LTC1440_07 Datasheet HTML 3Page - Linear Technology LTC1440_07 Datasheet HTML 4Page - Linear Technology LTC1440_07 Datasheet HTML 5Page - Linear Technology LTC1440_07 Datasheet HTML 6Page - Linear Technology LTC1440_07 Datasheet HTML 7Page - Linear Technology LTC1440_07 Datasheet HTML 8Page - Linear Technology LTC1440_07 Datasheet HTML 9Page - Linear Technology LTC1440_07 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1440/LTC1441/LTC1442
144012fc
TYPICAL PERFOR A CE CHARACTERISTICS
Comparator Response Time vs
Load Capacitance with 100mV
Input Overdrive
Comparator Response Time at
Low Supply Voltage
Comparator Output Voltage High
vs Load Current
LOAD CAPACITANCE (nF)
0
12
10
8
6
4
2
80
1440/1/2 G05
20
40
60
100
tPHL
tPLH
SUPPLY VOLTAGE (V)
1.0
10000
1000
100
10
1
1.2
1.4
1.6
1.1
1.3
1.5
1440/1/2 G06
20mV OVERDRIVE
100mV OVERDRIVE
LOAD CURRENT (mA)
0
1
2
3
4
5
10
20
30
40
1440/1/2 G07
50
60
V+ = 5V
V+ = 3V
V+ = 2V
TA = 25°C


Similar Part No. - LTC1440_07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440CMS8 LINER-LTC1440CMS8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440CN8 LINER-LTC1440CN8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440CS8 LINER-LTC1440CS8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440IN8 LINER-LTC1440IN8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440IS8 LINER-LTC1440IS8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results

Similar Description - LTC1440_07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com