Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EUP7201 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part No. EUP7201
Description  Dual ,Low-Noise,150mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

EUP7201 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EUP7201
DS7201 Ver 1.5 Oct. 2007
5
Absolute Maximum Ratings
Supply Input Voltage --------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA =25℃
SOT23-6 ------------------------------------------------------------------------------------------------------ 0.4W
Package Thermal Resistance
SOT23-6, θJA ------------------------------------------------------------------------------------------------- 250°C/W
Lead Temperature (Soldering,10 sec .) -------------------------------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------------------------------- -65°C to 150°C
ESD Rating
HBM ---------------------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
Supply Input Voltage ----------------------------------------------------------------------------------------- 2.5V to 5.5V
Enable Input Voltage ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------- -40°C to 125°C
Electrical Characteristics
VIN= (VOUT+0.5V) or VIN=2.5V whichever is greater, CIN =COUT=1µF , EN1=EN2= VIN. TA=25°C.
Unless otherwise noted
EUP7201
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
IL=30mA
-2
2
VOUT
Output voltage
IL=30mA, TA=-40°C~85°C.
-3
3
%
IMAX
Maximum Output Current
Continuous ,TA=-40°C~85°C.
150
mA
ILIM
Current Limit
Output Grounded (Steady State)
180
300
mA
No Load (Both LDOs)
110
180
µA
IG
Quiescent Current
IOUT=150mA (Both LDOs)
260
µA
IOUT=30mA
30
mV
VDROP Dropout Voltage
IOUT=100mA, TA=-40°C~85°C.
80
220
mV
Δ
VOUT Load Regulation
1mA< IOUT < 150mA
13
60
mV
Δ
VLINE Line Regulation
VIN=VOUT+0.5V to 5.5V
IOUT=1mA
0.02
0.2
%/V
VIH
EN Input High Threshold
VIN=2.5V to 5.5V, TA=-40°C~85°C.
1.6
V
VIL
EN Input Low Threshold
VIN=2.5V to 5.5V, TA=-40°C~85°C.
0.4
V
ISD
EN Input Bias Current
EN=GND or VIN
0.1
µA
IGSD
Shutdown Supply Current
EN1=EN2=GND
0.01
1
µA
TSD
Thermal Shutdown Temperature
155
Δ
TSD Thermal Shutdown Hysteresis
15
PSRR Ripple Rejection Rate
VIN=(VOUT+1V) DC+0.5V p-p AC
IOUT=1mA, f=1kHz
60
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9182DUAL LOW-NOISE 200mA LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9182_07Dual Low-Noise 200mA LDO Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
SC1452_06Dual 150mA LDO Regulator with Programmable Reset 1 2 3 4 5 MoreSemtech Corporation
GM6155150mA LOW-NOISE LDO REGULATOR 1 2 3 4 5 MoreGamma Microelectronics Inc.
GM6156150mA LOW-NOISE LDO REGULATOR 1 2 3 4 5 MoreGamma Microelectronics Inc.
SPX5205_04150mA Low-Noise LDO Voltage Regulator 1 2 3 4 5 MoreSipex Corporation
RT9181150MA LDO REGULATOR WITH POG 1 2 3 4 5 MoreRichtek Technology Corporation
RT9012300mA Dual LDO Regulator with POR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9181_07150mA LDO Regulator with PGOOD 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn