Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2571 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP2571
Description  White LED Step-Up Converter In Tiny SOT-23 Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2571 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP2571 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2571 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EUP2571
DS2571
Ver1.1
May. 2007
4
Absolute Maximum Ratings
Supply Voltage ,VIN -----------------------------------------------------------------
-0.3V to 6V
LX,OUT
-----------------------------------------------------------------------------
-0.3V to 30V
The Other Pins
----------------------------------------------------------------------
-0.3V to 6V
Power dissipation, PD@ TA=25°C
SOT23-6 -------------------------------------------------------------------------------
0.4W
Package Thermal Resistance
SOT23-6,θJA -------------------------------------------------------------------------
250°C/W
Maximum Junction Temperature ---------------------------------------------------
125°C
Lead Temperature (Soldering, 10sec.) ---------------------------------------------
260°C
Storage Temperature Range ------------------------------------------------------- -65°C to 150°C
Operating Conditions
Junction Temperature Range ---------------------------------------------------
-40°C to 125°C
Supply Voltage , VIN-----------------------------------------------------------------
2.6V to 5.5V
Electrical Characteristics
(VIN =3.6V, VOUT=12V, COUT=1µF, CIN=1µF, RSENSE=12Ω, TA=-40°C to 85°C. Unless otherwise noted.
Typical values are at TA= 25°C)
EUP2571
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Supply Voltage
--
--
6
V
UVLO
Under voltage Lock Out
VIN rising or falling
2.2
2.4
2.6
V
Maximum Output Voltage
--
--
26
V
ICC1
Supply Current
VCC=6V, Continuous Switching
--
0.8
1.5
mA
ICC2
Quiescent Current
VCC=6V, FB=1.3V, No Switching
--
115
250
µA
ICC3
Shut Down current
VCC=6V, VEN<0.4V
--
0.1
1
µA
Oscillator
Fosc
Operation Frequency
0.8
1.1
1.3
MHz
Dmax
Maximum Duty Cycle
89
92
96
%
Reference Voltage
TA=25℃
237
250
263
VFB
Feedback Voltage
TA=-40°C to 85°C
230
250
270
mV
MOSFET
Rds (on) On resistance of MOSFET
--
1.05
1.5
Ω
ILX
Current Limit
0.4
0.75
1.2
A
Control and Protection
VEN1
Shut Down Voltage
0.4
0.7
--
V
VEN2
Enable Voltage
--
0.7
1.2
V
IEN
EN Pin Pull Low Current
--
--
0.1
µA
Falling
24.5
25.7
26.5
OVP
OVP Threshold
Rising
26.1
27.3
28.1
V


Similar Part No. - EUP2571

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
   1.2MHz Step-Up PWM Controller
More results

Similar Description - EUP2571

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com