Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA6204 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUA6204
Description  1.36-W Mono Fully Differential Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6204 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUA6204 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6204 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EUA6204
DS6204 Ver1.1 June. 2006
2
Block Diagram
Pin Configurations
Package
Pin
Configurations
DFN-8
MSOP-8
Pin Description
SYMBOL
PIN
DESCRIPTION
Shutdown
1
Shutdown terminal
Bypass
2
Mid-supply voltage, adding a bypass capacitor improves PSRR
IN+
3
Positive differential input
IN-
4
Negative differential input
VO+
5
Positive BTL output
VDD
6
Power supply
GND
7
High-current ground
VO-
8
Negative BTL output


Similar Part No. - EUA6204

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
EUA6204ADIR1 EUTECH-EUA6204ADIR1 Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - EUA6204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com