Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRHY7G30CMSE Datasheet(PDF) 2 Page - International Rectifier

Part No. IRHY7G30CMSE
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard™ HEXFET TECHNOLOGY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRHY7G30CMSE Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHY7G30CMSE
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
1000
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
1.3
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
15
VGS = 12V, ID = 0.76A
Resistance
VGS(th)
Gate Threshold Voltage
2.5
4.5
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
0.8
S ( )VDS > 15V, IDS = 0.76A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS = 800V ,VGS=0V
250
VDS = 800V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
44
VGS =12V, ID = 1.2A
Qgs
Gate-to-Source Charge
6.0
nC
VDS = 300V
Qgd
Gate-to-Drain (‘Miller’) Charge
23
td(on)
Turn-On Delay Time
25
VDD = 500V, ID = 1.2A,
tr
Rise Time
30
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
77
tf
Fall Time
150
LS + LD
Total Inductance
6.8
Ciss
Input Capacitance
377
VGS = 0V, VDS = 25V
Coss
Output Capacitance
43
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
1.4
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
2.5
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
1.2
ISM
Pulse Source Current (Body Diode) ➀
4.8
VSD
Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 1.2A, VGS = 0V ➃
trr
Reverse Recovery Time
500
ns
Tj = 25°C, IF = 1.2A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
690
nC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from drain lead (6mm/
0.25in. from package) to source
lead (6mm/0.25in. from package)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn