Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AU9720 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. AU9720
Description  USB to Serial Bridge Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AU9720 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Page 8 of 16
AU9720 USB to Serial Bridge Controller V1.05W
Official release_ Public
3
3..0
0.. P
Piin
n A
As
ss
siig
gn
nm
me
en
ntt
The AU9720 is packaged in 28pin SSOP Lead-Free. The following figure shows signal
name for each pin and the table in the following page describes each pin in details.
Figure 3.1 Pin Assignment Diagram
1
2
3
4
5
6
7
8
9
10
11
12
17
28
27
26
25
24
23
22
21
20
19
18
13
14
16
15
TXD
DTRB
RTSB
VDD_232
RXD
RIB
DSRB
DCDB
CTSB
RESETB
GP0
GP1
GP2
EE_DAT
EE_CLK
GND
VDD
TESTB
GND (I/O)
DM
DP
VCC3V
VCC5V
VCC2.5V
OSC1
OSC2
VDD_PLL
GND_PLL
Alcor Micro
AU9720
28-PIN SSOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GL811EUSB 2.0 to ATA / ATAPI Bridge Controller 1 2 3 4 5 MoreGENESYS LOGIC
GL811SUSB 2.0 to ATA/ATAPI Bridge Controller Coming SoonGENESYS LOGIC
GL830USB 2.0 to SATA Bridge Controller 1 2 3 4 5 MoreGENESYS LOGIC
AT76C713_04USB BRIDGE CONTROLLER 1 2 ATMEL Corporation
PL-2301USB TO USB BRIDGE CONTROLLER 1 List of Unclassifed Manufacturers
USB2005_07USB 2.0 ATA/ATAPI Controller with PD-DRM 1 2 3 4 5 MoreSMSC Corporation
GL826USB 2.0 Multi-Slot Flash Card Reader Controller All-in-one with Dual SD/MMC bus Interface 1 2 3 4 5 MoreGENESYS LOGIC
AU9510F_05USB Smart Card Reader Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TTL-232RUSB to TTL Serial Converter Cable 1 2 3 4 5 MoreFuture Technology Devices International Ltd.
NC41120-0018STANDARD Micro Controller Specification USB Interface Controller Chip 1 2 3 Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn