Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA6019 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUA6019
Description  3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6019 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUA6019 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
EUA6019
DS6019 Ver 1.1 May. 2007
6
Absolute Maximum Ratings
Supply voltage, VDD------------------------------------------------------------------------------------------------ 6V
Input voltage, VI------------------------------------------------------------------------------ –0.3 V to VDD +0.3 V
Continuous total power dissipation---------------------------- internally limited (see Dissipation Rating Table)
Operating free-air temperature range, TA--------------------------------------------------------- –40°C to 85° C
Operating junction temperature range, TJ ------------------------------------------------------ - –40°C to 150°C
Storage temperature range, Tstg------------------------------------------------------------------ -- –65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds----------------------------------------- 260°C
Thermal Resistance θJA (TSSOP) ------------------------------------------------------------------------ 87.9°C/W
Recommended Operating Conditions
Min
Max
Unit
Supply voltage, VDD
4
5.5
V
BTL
SE/
,
LINE
HP/
, FADE
VDD× 0.8
High-level input voltage, VIH
SHUTDOWN
2
V
BTL
SE/
,
LINE
HP/
, FADE
VDD× 0.6
Low-level input voltage, VIL
SHUTDOWN
0.8
V
Operating free-air temperature, TA
-40
85
°C
Electrical Characteristics at Specified Free-air Temperature, VDD = PVDD=5.5V, TA = 25°C
EUA6019
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
VDD= 5.5V,Gain=0 dB,
BTL
SE/
=0V
30
mV
OO
V
Output offset voltage
(measured differentially)
VDD= 5.5V,Gain=20 dB,
BTL
SE/
=0V
50
mV
PSRR
Power supply rejection ratio
VDD= PVDD= 4 V to 5.5 V
-40
-68
dB
IH
I
High-level input current
(
BTL
SE/
,SHUTDOWN ,
FADE ,
LINE
HP/
,SEMAX,
VOLUME,SEDIFF)
VDD= PVDD=5.5V, VI = VDD =PVDD
1
µA
IL
I
Low-level input current
VDD= PVDD=5.5V, VI = 0V
1
µA
VDD= PVDD=5.5V,
BTL
SE/
=0V,
SHUTDOWN =2V
7.3
IDD
Supply current, no load
VDD= PVDD=5.5V,
BTL
SE/
=5.5V
SHUTDOWN =2V
4.4
mA
IDD
Supply current, max power into a
3-Ω load
VDD= PVDD=5.5V,
BTL
SE/
=0V,
SHUTDOWN =2V,RL=3Ω,
Po=2 W, stereo
1.5
ARMS
IDD(SD) Supply current, shutdown mode
SHUTDOWN =0V
1
20
µA


Similar Part No. - EUA6019

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6011AQIR1 EUTECH-EUA6011AQIR1 Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6011AQIT1 EUTECH-EUA6011AQIT1 Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results

Similar Description - EUA6019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com