Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6986 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AU6986
Description  USB2.0 Universal Flash Disk Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6986 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AU6986 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 16Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 17Page - List of Unclassifed Manufacturers AU6986 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AU6986 USB2.0 Universal Flash Disk Controller V1.0
11
5. Electrical Characteristics
5
5..1
1 A
Ab
bs
so
ollu
utte
e M
Ma
ax
xiim
mu
um
m R
Ra
attiin
ng
gs
s
Table 5.1 Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDDH
Power Supply
-0.3 to VDDH +0.3
V
VIN
Input Signal Voltage
-0.3 to 3.6
V
VOUT
Output Signal Voltage
-0.3 to VDDH +0.3
V
TSTG
Storage Temperature
-40 to 150
OC
5.2 Recommended Operating Conditions
Table 5.2 Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
ADD
5V Power Supply
4.75
5.0
5.0
V
VDDH
Power Supply
3.0
3.3
3.6
V
VDD
Digital Supply
1.62
1.8
1.98
V
VIN
Input Signal Voltage
0
3.3
3.6
V
TOPR
Operating Temperature
0
70
OC
5
5..3
3 G
Ge
en
ne
erra
all D
DC
C C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
Table 5.3 General DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIN
Input current
No pull-up or
pull-down
-10
±1
10
µA
IOZ
Tri-state leakage current
-10
±1
10
µA
CIN
Input capacitance
Pad Limit
2.8
ρF
COUT
Output capacitance
Pad Limit
2.8
ρF
CBID
Bi-directional buffer
capacitance
Pad Limit
2.8
ρF


Similar Part No. - AU6986

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6980 ETC2-AU6980 Datasheet
826Kb / 19P
   Universal USB2.0 Flash Disk Controller Technical Reference Manual
AU6981 ETC2-AU6981 Datasheet
2Mb / 22P
   Universal USB2.0 Flash Disk Controller
AU6984 ETC2-AU6984 Datasheet
1Mb / 21P
   USB2.0 Universal Flash Disk Controller
AU6989 ETC1-AU6989 Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
AU6989HL ETC1-AU6989HL Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
More results

Similar Description - AU6986

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6984 ETC2-AU6984 Datasheet
1Mb / 21P
   USB2.0 Universal Flash Disk Controller
AU6981 ETC2-AU6981 Datasheet
2Mb / 22P
   Universal USB2.0 Flash Disk Controller
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
   USB2.0 Flash Disk Controller
logo
List of Unclassifed Man...
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
   USB2.0 Flash Disk Controller
AU6980 ETC2-AU6980 Datasheet
826Kb / 19P
   Universal USB2.0 Flash Disk Controller Technical Reference Manual
AU6388 ETC2-AU6388 Datasheet
440Kb / 19P
   USB2.0 Flash Disk Controller Technical Reference Manual
logo
Apacer Technology Inc.
UDM2A-M-LP-90D APACER-UDM2A-M-LP-90D Datasheet
1Mb / 4P
   USB2.0 flash disk module
logo
List of Unclassifed Man...
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com