Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6475 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AU6475
Description  USB2.0 Multi-LUN Flash Card Reader
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6475 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AU6475 Datasheet HTML 1Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 2Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 3Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 4Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6475 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
C
Co
op
pyyrriig
gh
htt
Copyright © 1997 - 2007. Alcor Micro, Corp. All Rights Reserved. No part of this data
sheet may be reproduced, transmitted, transcribed, stored in a retrieval system or
translated into any language or computer language, in any form or by any means,
electronic, mechanical, magnetic, optical, chemical, manual or otherwise, without prior
written permission from Alcor Micro, Corp.
T
Trra
ad
de
em
ma
arrk
k A
Acck
kn
no
ow
wlle
ed
dg
ge
em
me
en
nttss
The company and product names mentioned in this document may be the trademarks
or registered trademarks of their manufacturers.
D
Diisscclla
aiim
me
err
Alcor Micro, Corp. reserves the right to change this product without prior notice. Alcor
Micro, Corp. makes no warranty for the use of its products and bears no responsibility
for any error that appear in this document. Specifications are subject to change
without prior notice.
R
Re
evviissiio
on
n H
Hiisstto
orryy
Date
Revision
Description
Oct 2007
1.00W
Official Release.
Dec 2007
1.01W
Modify ”1.2 Features” and
“Figure 4.1
AU6475 Block Diagram”
C
Co
on
ntta
acctt IIn
nffo
orrm
ma
attiio
on
n::
Web site: http://www.alcormicro.com/
Taiwan
China ShenZhen Office
Alcor Micro, Corp.
Rm.2407-08, Industrial Bank Building
4F, No 200 Kang Chien Rd., Nei Hu,
No.4013, Shennan Road,
Taipei, Taiwan, R.O.C.
ShenZhen,China. 518026
Phone: 886-2-8751-1984
Phone: (0755) 8366-9039
Fax: 886-2-2659-7723
Fax: (0755) 8366-9101
Santa Clara Office
Los Angeles Office
2901 Tasman Drive, Suite 206
9070 Rancho Park Court
Santa Clara, CA 95054
Rancho Cucamonga, CA 91730
USA
USA
Phone: (408) 845-9300
Phone: (909) 483-8821
Fax: (408) 845-9086
Fax: (909) 944-0464


Similar Part No. - AU6475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
AU6331 ETC2-AU6331 Datasheet
683Kb / 23P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
More results

Similar Description - AU6475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
logo
Transcend Information. ...
TS-RDP7K TRANSCEND-TS-RDP7K Datasheet
206Kb / 5P
   USB2.0 Portable Multi-Card Reader
TS-RDP8 TRANSCEND-TS-RDP8 Datasheet
80Kb / 3P
   USB2.0 Portable Multi-Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com