Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6336 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AU6336
Description  USB2.0 SD/MMC Single LUN Card Reader Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6336 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AU6336 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU6336 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AU6336 USB2.0 SD/MMC Single LUN Card Reader V1.00W
6
Table 3.2 AU6336-MDF Pin Descriptions
Pin #
Pin Name
I/O
Description
1
VD33P
I
UTMI 3.3V power input
2
DP
I/O
USB DP
3
DM
I/O
USB DM
4
VS33P
I
UTMI 3.3V ground
5
XI
I
12MHz crystal input
6
XO
O
12MHz crystal output
7
VDDU
I
UTMI 1.8V input
8
AVDD5V
I
5 to 3.3 regulator 5V input
9
VDD3V
O
5V to 3.3V regulator 3.3V output
3.3V to 1.8V regulator 3.3V input
10
V18
O
3.3V to 1.8V regulator 1.8V output
11
VDDHM
I
IO 3.3V power / 3.3 to 1.8 regulator 3.3V input
12
SDCDN
I
SD card detect
13
VDD33C
I
Card power switch 3.3V input
14
SD_V33
O
Card power switch output
15
SDCMD
I/O
SD command
16
SDDATA1
I/O
SD data 1
17
SDWP
I
SD write protect
18
SDDATA2
I/O
SD data 2
19
CLED
O
Card access LED.
Low for card present
High for card absent
Blink for card access
20
SDDATA3
I/O
SD data 3
21
SDDATA0
I/O
SD data 0
22
SDCLK
O
SD clock
23
VDD
I
Core 1.8V power input
24
REXT
I
UTMI reference resistor


Similar Part No. - AU6336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6331 ETC2-AU6331 Datasheet
683Kb / 23P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results

Similar Description - AU6336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
AU6331 ETC2-AU6331 Datasheet
683Kb / 23P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
   USB2.0 SD/MMC Flash Card Reader with UFD Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
   USB2.0 Multi-LUN Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com