Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6331 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AU6331
Description  USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6331 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AU6331 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU6331 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Page 10 of 23
AU6331 USB 2.0 SD/MMC/MS Single/Dual LUN Flash Memory Card Reader V1.02W
Official release _ Public
Table 3.1 48 Pin Descriptions
Pin #
Pin Name
I/O
Description
1
SDDATA0
I/O
SD data0
2
SDWP
I
SD write protect; pull up with res.
3
SDCDN
I
SD card Detect ("1": unDetected[Default];"0":Detected)
4
SDCLK
O
SD CLK
5
SDCMD
I/O
SD CMD; pull up with res.
6
RFU2
I
Always pull low
7
CLED0
O
LED on for card exists for Full/High Speed
8
RPU
I
Pull up with 1.5K res. To 3.3V VDD
9
AVDD
P
3.3V analog power
10
DP
I/O
DP
11
DM
I/O
DM
12
AVSS
P
Analog Ground
13
RREF
I
Pull down with 1K Res. To AVSS
14
PVDD
P
OSC power 3.3V
15
XI
I
12MHz Oscillator input
16
XO
O
12MHz Oscillator output
17
PVSS
P
OSC ground
18
VDD25D
P
2.5V output for core power
19
VDDH
P
IO power 3.3V
20
VSSH
P
IO ground
21
VDDH
P
IO power 3.3V
22
MS_V33
P
MS card power
23
SD_V33
P
SD card power
24
MSDATA3
I/O
MS data3
25
EEPCLK
O
EEPROM CLK
26
EEPDATA
I/O
EEPROM Data
27
MSDATA2
I/O
MS data2
28
MSDATA1
I/O
MS Data1
29
MSDATA0
I/O
MS Data0
30
MSCLK
O
MS CLK
31
MSBS
O
MS BS
32
MSINS
I
MS card Detect ("1": unDetected[Default];"0":Detected)


Similar Part No. - AU6331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
More results

Similar Description - AU6331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
List of Unclassifed Man...
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
   USB2.0 SD/MMC Flash Card Reader with UFD Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
List of Unclassifed Man...
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
   USB2.0 Single LUN Multiple Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com