Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLX90614
Description  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90614 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 4 of 40
Data Sheet
Rev 003
03/Oct/2007
4 Glossary of Terms
PTAT
Proportional To Absolute Temperature sensor (package temperature)
PTC
Positive Temperature Coefficient sensor (package temperature)
POR
Power On Reset
HFO
High Frequency Oscillator (RC)
DSP
Digital Signal Processing
FIR
Finite Impulse Response. Digital filter
IIR
Infinite Impulse Response. Digital filter
IR
Infra-Red
PWM
Pulse With Modulation
DC
Duty Cycle (of the PWM) ; Direct Current (for settled conditions specifications)
FOV
Field Of View
SDA,SCL
Serial DAta, Serial CLock – SMBus compatible communication pins
Ta
Ambient Temperature measured from the chip – (the package temperature)
To
Object Temperature, ‘seen’ from IR sensor
ESD
Electro-Static Discharge
EMC
Electro-Magnetic Compatibility
TBD
To Be Defined
Note: sometimes the MLX90614xxx is referred to as “the module”.
5 Maximum ratings
Parameter
MLX90614ESF-Axx
MLX90614ESF-Bxx
MLX90614ESF-Dxx
MLX90614KSF-Axx
Supply Voltage, VDD (over voltage)
7V
5V
7V
Supply Voltage, VDD (operating)
5.5 V
3.6V
5.5V
Reverse Voltage
0.4 V
Operating Temperature Range, TA
-40…+85
°C
-40…+125°C
Storage Temperature Range, TS
-40…+125
°C
-40…+125°C
ESD Sensitivity (AEC Q100 002)
2kV
DC current into SCL/Vz (Vz mode)
2 mA
DC sink current, SDA /PWM pin
25 mA
DC source current, SDA/PWM pin
25 mA
DC clamp current, SDA/PWM pin
25 mA
DC clamp current, SCL pin
25 mA
Table 1: Absolute maximum ratings for MLX90614
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.


Similar Part No. - MLX90614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614AAA ETC2-MLX90614AAA Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
More results

Similar Description - MLX90614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com