Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE82A Datasheet(PDF) 2 Page - Fuji Electric

Part # P6KE82A
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

P6KE82A Datasheet(HTML) 2 Page - Fuji Electric

  P6KE82A Datasheet HTML 1Page - Fuji Electric P6KE82A Datasheet HTML 2Page - Fuji Electric P6KE82A Datasheet HTML 3Page - Fuji Electric P6KE82A Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (P6KE SERIES)
Version: A06
FIG.5- TYPICAL JUNCTION CAPACITANCE
(UNIDIRECTIONAL)
V( ), BREAKDOWN VOLTAGE. VOLTS
BR
VR=0
Tj =25 C
f = 1.0MHz
Vsig = 50 mVp-p
O
MEASURED at
STAND-OFF
VOLTAGE, VWM
1
10
100
200
10
100
1000
6000
FIG.1- PEAK PULSE POWER RATING CURVE
tp, PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1
10
100
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T = 25 C
J
O
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
25
50
75
100
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8
10
20
40
60
80
100
10
50
100
200
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
t, TIME, ms
0
1.0
2.0
3.0
4.0
0
50
100
150
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
Half Value - I
PPM
2
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
tr = 10 sec
Peak Value
IPPM
td


Similar Part No. - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE82A MOTOROLA-P6KE82A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
ON Semiconductor
P6KE82A ONSEMI-P6KE82A Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
logo
UNIOHM CORPORATION
P6KE82A UNIOHM-P6KE82A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Jinan Jing Heng Electro...
P6KE82A JINGHENG-P6KE82A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
SUNMATE electronic Co.,...
P6KE82A SUNMATE-P6KE82A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com