Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27966 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27966
Description  White LED Driver with I2C Compatible Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM27966 Datasheet HTML 5Page - National Semiconductor (TI) LM27966 Datasheet HTML 6Page - National Semiconductor (TI) LM27966 Datasheet HTML 7Page - National Semiconductor (TI) LM27966 Datasheet HTML 8Page - National Semiconductor (TI) LM27966 Datasheet HTML 9Page - National Semiconductor (TI) LM27966 Datasheet HTML 10Page - National Semiconductor (TI) LM27966 Datasheet HTML 11Page - National Semiconductor (TI) LM27966 Datasheet HTML 12Page - National Semiconductor (TI) LM27966 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Circuit Description (Continued)
Bit7 to Bit 5: Not Used
DAUX1-DAUX0: Sets Brightness for DAUX pin. 11 = Fullscale
Bit7 to Bit2:Not Used
Full-Scale Current set externally by the following equation:
IDx = 200 x 1.25V / RSET
Brightness Level Control Table (Main Display)
Brightness Code (hex)
Analog Current (% of
Full-Scale)
Duty Cycle (%)
Perceived Brightness
Level (%)
00
20
1/16
1.25
01
20
2/16
2.5
02
20
3/16
3.75
03
20
4/16
5
04
20
5/16
6.25
05
20
6/16
7.5
06
20
7/16
8.75
07
20
8/16
10
08
20
9/16
11.25
09
20
10/16
12.5
0A
20
11/16
13.75
0B
20
12/16
15
0C
20
13/16
16.25
0D
20
14/16
17.5
0E
20
15/16
18.75
0F
20
16/16
20
10
40
10/16
25
11
40
11/16
27.5
12
40
12/16
30
13
40
13/16
32.5
14
40
14/16
35
15
40
15/16
37.5
16
40
16/16
40
17
70
11/16
48.125
18
70
12/16
52.5
19
70
13/16
56.875
1A
70
14/16
61.25
1B
70
15/16
65.625
1C
70
16/16
70
1D
100
13/16
81.25
1E
100
15/16
93.75
1F
100
16/16
100
D
AUX Brightness Levels (%of Full-Scale) = 20%, 40%, 70%,
100%
Application Information
SETTING LED CURRENT
The current through the LEDs connected to Dx can be set to
a desired level simply by connecting an appropriately sized
resistor (R
SET) between the ISET pin of the LM27966 and
GND. The Dx currents are proportional to the current that
flows out of the I
SET pin and are a factor of 200 times greater
than the I
SET current. The feedback loops of the internal
amplifiers set the voltage of the I
SET pin to 1.25V (typ.). The
statements above are simplified in the equations below:
I
Dx=200x(VISET /RSET)
R
SET = 200 x (1.25V / IDx)
Once the desired R
SET
value has been chosen, the
LM27966 has the ability to internally dim the LEDs using a
mix of Pulse Width Modulation (PWM) and analog current
scaling. The PWM duty cycle is set through the I
2C compat-
ible interface. LEDs connected to Main Display current sinks
(Dx) can be dimmed to 32 different levels/duty-cycles. The
internal PWM frequency for Main Display is a fixed 20kHz.
D
AUX has 4 analog current levels.
Please refer to the I
2C Compatible Interface section of this
datasheet for detailed instructions on how to adjust the
brightness control registers.
www.national.com
10


Similar Part No. - LM27966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
LM27966SQ/NOPB TI1-LM27966SQ/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
LM27966SQX/NOPB TI1-LM27966SQX/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
More results

Similar Description - LM27966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com